Part Number Hot Search : 
C1455 TLYE68TG TC9284 41256 SZ5227 AME7720 HD10133 8F320
Product Description
Full Text Search
 

To Download 319207B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0026202072 Active
kk 3.96mm (.156") Pitch KK(R) Wire-to-Board Header, Vertical Round Pin, 7 Circuits, Tin (Sn) Plating, with Mating Pin Length of 16.18mm (.637")
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0087 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Application Overview Product Name PCB Headers 3192 Board-to-Board, Wire-to-Board kk KK(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating No 7 7 Natural 25 No 94V-2 No No None None Brass Tin Tin Nylon 1 Vertical 0.175 In 4.45 mm No None 0.062 In 1.60 mm Bag 0.156 In 3.96 mm 200 5 200 5 No No No Yes 0C to +75C
Search Parts in this Series 3192Series Mates With 3069 KK(R) Crimp Terminal Housing. 3215 KK(R) PC Board Connector
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 7A 250V
Material Info
Old Part Number 319207B
Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0087 SDAE-3192-N*
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 319207B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X